Part Number Hot Search : 
MPG06K LTC2974 OPI120XV CN303 MC13142D SW121340 128L0 M5M29GB
Product Description
Full Text Search
 

To Download ABM8G-25000MHZ-18-D2Y-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  |||||||||| | | | | | abm8g standard specifications: applications: features: operation mode operating temperature storage t emperature frequency t olerance at +25c frequency stability over the operating temp. (ref. to +25c ) equivalent series resistance shunt capacitance c0 load capacitance cl drive level aging (first year) at 25c 3c insulation resistance p arameters frequency range abracon p/n abm8g series fundamental -10c to + 60c (see options) 50ppm max. (see options) 50ppm max. (see options) 5.0pf max 10pf (see options) 3ppm max. 500 m min. at 100 vdc 15v rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 : 2008 ce r tified 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a rgarita, california 92688 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m ? high density applications. ? modems, communication and test equipment. ? pmcia, wireless applications ? low in height; suitable for thin equipment. ? glass sealed package assures high reliability and high temperature operation ? tight tolerance and stability available. ? ir reflow capable ? low cost version of abm8 crystal options & part identification: 100w max., 10w typical revised: 04.20.11 visit www.abracon.com for terms & conditions of sale (left blank if standa rd) u l t r a m i n i a t u r e c e r a m i c g l a s s s e a l e d s m d c r y s t a l 12.000mhz - 50.000mhz -55c to +125c see table 1 table 1- standard esr 80 esr( ) max 120 28.001 - 50.00 20.001 - 28.00 frequency (mhz) 12.000 12.001 - 20.000 60 50 3 . 2 x 2 . 5 x 1 . 0 mm a b m 8 g - m h z - - r - - - - p a c k a g i n g b l a n k : b u l k t : t a p e & r e e l ( 1 k p c s ) t 3 : t a p e & r e e l ( 3 k p c s ) f r e q u e n cy i n m h z es r l o a d c a p a c i t a n c e o p e r a t i n g t e m p . e : 0 c ~ + 7 0 c b : -2 0 c ~ + 7 0 c c : -3 0 c ~ + 7 0 c n : -3 0 c ~ + 8 5 c d : -4 0 c ~ + 8 5 c f r e q . t o l e r a n c e 1 : 1 0 p p m 7 : 1 5 p p m 2 : 2 0 p p m 3 : 2 5 p p m 4 : 3 0 p p m f r e q . s t a b i l i ty u : 1 0 p p m ( * ) g : 1 5 p p m ( * * ) x : 2 0 p p m w : 2 5 p p m y : 3 0 p p m h : 3 5 p p m q : 1 0 0 p p m ( * ) - 1 0 c to + 6 0 c only. contact abracon for tighter freq. stability. please specify cl in pf or s for series (minimum 7pf) please contact abracon for values under 10pf specify a value in e.g. 24.576mhz 14.31818mhz 26.000mhz (**) -10c to +60c option e,b,c,n only pb in glass exemption 7 (c)-i per rohs ii 2011/65/eu annex
||||||||||| | | | | abm8g rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001: 2008 ce r tified 3 0 3 3 2 e s p e r a n z a , r a n ch o s a n t a m a rgarita, california 92688 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m 3 . 2 x 2 . 5 x 1 . 0 mm revised: 04.20.11 visit www.abracon.com for terms & conditions of sale dimensions: inch (mm) dimensions: mm outline drawing: tape & reel: note: due to the availability of raw materials, this part may be manufactured with the chamfer on pin 4. be advised that this does not affect the electrical characteristics of the crystal in any way. need a test socket for the abm8g series? to view compatible precision test & burn-in sockets for these parts, click here. reflow profile: tape and reel (1,000pcs/reel) tape and reel (3,000pcs/reel) u l t r a m ini a t u r e c e r a m i c g l a s s s e a l e d s m d c r y s t a l - a t t e n t i o n : a b r a c o n c o r p o r a t i o n ? s p r o d u c t s a r e c o t s ? c o m m e r c i a l - o f f - t h e - s h e l f p r o d u c t s ; s u i t a b l e f o r c o m m e r c i a l , ind u s t r i a l a n d , w h e r e d e s i g n a t e d , a u t o m ot i v e a p p lica t i o n s . a b r a c o n ? s p r o d u c t s a r e n o t s p e c i f ical l y d e s i g n e d f o r m ili t a r y , a v i a t i o n , a e r o s p a c e , l i f e - d e p e n d a n t m e d i c a l a p p lica t i o n s o r a n y a p p lica t i o n r e q u i r i n g h i g h r e l i a b ili t y w h e r e c o m p o n e n t f a i l u r e c o u l d r e s u l t i n l o s s o f l i f e a n d / o r p r o p e r t y . f o r a p p lica t i o n s r e q u i r i n g h i g h r e l i a b i l i t y a n d / o r p r e s e n t i n g a n e x t r e m e o p e r a t i n g e n v i r o n m e n t , w r itte n c o n s e n t a n d a u t h o r i z a - t i o n f r o m a b r a c o n c o r p o r ati o n i s r e q u i r e d . p l e a s e c o n t a c t a b r a c o n c orp o r a t i o n f o r m o r e i n f o r m a t i o n . pb in glass exemption 7 (c)-i per rohs ii 2011/65/eu annex


▲Up To Search▲   

 
Price & Availability of ABM8G-25000MHZ-18-D2Y-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X